PART |
Description |
Maker |
MAX8546EUB MAX1967EUB |
PLASTIC ENCAPSULATED DEVICES Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
AD73322AST AD73322EB AD73322EZ EVAL-AD73322EZ AD73 |
Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End Low Power 10MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost, Low Power CMOS General-Purpose Dual Analog Front End Dual Voiceband Codec; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO28
|
Analog Devices, Inc.
|
AD8277BRZ-RL |
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers; Package: 14-pin; Temperature Range: -40°C to 125°C DUAL INSTRUMENTATION AMPLIFIER, 200 uV OFFSET-MAX, 0.55 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
D119ERW D115ERW D138ERW D128ERW D133ERW D118ERW D1 |
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
|
MicroPower Direct, LLC
|
MAX15026CATD MAX15026BETV |
Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
|
Maxim Integrated Produc...
|
B1515ERW B1514ERW B1501ERW B1521ERW B1525ERW B1522 |
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
|
MicroPower Direct, LLC
|
F2015ERW F2019ERW F2028ERW |
Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
|
MicroPower Direct, LLC
|
CA24D15-30 CA24D15-40 CA5D5-25 CA24T15-30 CA74T12- |
Ultra Wide Input Voltage Range, Low Profile
|
Wall Industries,Inc.
|
MAX1504111 |
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
|
Maxim Integrated Products
|
MAX15041ETE MAX15041 |
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
|
Maxim Integrated Products
|
AM27C040-90EI AM27C040-200EI AM27C040-150EI AM27C0 |
x8 EPROM Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Rochester Electronics, LLC
|